Part Number Hot Search : 
UT54A LBS13502 2N490 2N490 24393 X4HUOL ISL54048 VN0650
Product Description
Full Text Search
 

To Download FR204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0(25.4) min .300(7.6) .230(5.8) 1.0(25.4) min .140(3.6) .104(2.6) dia dia .034(0.9) .028(0.7) do-15 unit inch mm ?? ? 50 --- 1000 v 2.0 a fr201g fr202g fr203g FR204G fr205g fr206g fr207g 1000 50 100 200 400 600 800 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 60 70 2.0 1.3 5.0 100 fr201g ...... fr207g 150 300 fr201g fr202g fr203gFR204G fr205g fr206gfr207g siyu r ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit plastic fast recover rectifier reverse voltage 50 to 1000v forward current 2.0a ? ta= 25 ta=125 ?? i f =0.5a i r =1.0a i rr =0.25a ? v r = 4.0v, f = 1mhz v a ns pf i r trr c j maximum forward voltage maximum reverse current type junction capacitance ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit max. reverse recovery time v f i f = 2.0a 35 r ja dachang electronics features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any ?? glass passivated chip ??? rohs ? lead and body according with rohs standard
i f (a) ?? ? v f (v) ? ?? i fsm (a) ??? characteristic curves typical forward characteristic i f instantaneous forward current (a) v f instantaneous forward voltage (v) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) fr201g ...... fr207g siyu r 0.6 0.8 1 1.2 1.4 1.6 0.01 0.1 0.2 1 2 10 tj = 25 c 1 2 4 6 10 20 40 100 80 60 40 20 0 dachang electronics ? ta( c ) ? i f(av) (a) forward current derating curve tamb, ambient temperature (c) i f(a) average forward rectified current (a) 10mm 10mm 2.6 2.4 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 10mm 10mm


▲Up To Search▲   

 
Price & Availability of FR204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X